Part Number Hot Search : 
F30K1R0E MGFK3 75000 472ML HD6473 LTC37 090814 0100M
Product Description
Full Text Search
 

To Download GBPC50005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBPC 40, 50 SERIES
High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 40, 50.0 Amperes
Features
UL Recognized File # E-96005 Glass passivated junction The plastic material used carries Underwriters Laboratory Flammability Recognition 94V-0 Integrally molded heatsink provide very low thermal resistance for maximum heat dissipation Universal 4-way terminals; snap-on, wrap-around, solder or P.C. board mounting Surge overload ratings 400 amperes Terminals solderable per MIL-STD-202, Method 208 Typical IR less than 0.2 uA High temperature soldering guaranteed: 260/ 10 seconds / .375", (9.5mm) lead lengths Isolated voltage from case to lead over 2500 volts
GBPC40
GBPC40-M
1.14(29.0) HOLE FOR #10 SCREW .22(5.59) .20(5.08) 1.12(28.5)
DIA
.692(17.6) .612(15.5)
1.14(29.0) 1.12(28.5)
.692(17.6) .612(15.5)
.692(17.6) .612(15.5)
.692(17.6) .612(15.5)
.034(0.86) .030(0.76)
.26(6.60)
0.967(24.57) 0.309(7.87) 0.289(7.36) 0.837(21.26)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current GBPC40 GBPC50 @TC= 55 Peak Forward Surge Current, Single Sine-wave Superimposed GBPC40 on Rated Load (JEDEC method ) GBPC50 Maximum Instantaneous Forward Voltage Drop Per GBPC40 @20A Element at Specified Current GBPC50 @25A Maximum DC Reverse Current at Rated DC Blocking Voltage Per Element Typical Thermal Resistance (Note 1) Operating and Storage Temperature Range
Symbol -005
-01
100 70 100
-02
200 140 200
-04
400 280 400
40.0 50.0 400 400
-06
600 420 600
-08
800 560 800
-10
1000 700 1000
Units
V V V A A V uA /W
VRRM VRMS VDC I(AV) IFSM VF IR RJC TJ ,TSTG
50 35 50
1.1 10 1.5 -50 to +150
Notes: 1. Thermal Resistance from Junction to Case. 2. Suffix"M" - Terminal Location Face to Face.
- 774 -
RATINGS AND CHARACTERISTIC CURVES (GBPC40005 THRU GBPC4010) GBPC50005 GBPC5010
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT. (A)
80
400 300 200 100
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
70
AVERAGE FORWARD CURRENT. (A)
60
50
80 60 40 20 1
GB PC
40
50
GB
30
PC 40
1.5 2 3 4 5 6 7 8 9 10 15 20 25 30 40 60 80 100
20
NUMBER OF CYCLES AT 60Hz
10
0 20
40
60
80
100
120
o
140
160
180
CASE TEMPERATURE. ( C)
FIG.3- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
100
FIG.4- TYPICAL FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
1000
INSTANTANEOUS REVERSE CURRENT. ( A)
INSTANTANEOUS FORWARD CURRENT. (A)
BP
Tj=125 0C 10
100
C5
G BP C 40
Tj=25 C PULSE WIDTH-300 S 0.8 1.0
10
1
Tj=25 0C
1
0.1
0
20
40
60
80
100
120
140
0.1
0.6
G
0
1.2
0
1.4
1.6
1.8
2.0
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FORWARD VOLTAGE. (V)
- 775 -


▲Up To Search▲   

 
Price & Availability of GBPC50005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X